PART |
Description |
Maker |
LTC1286CS8PBF LTC1278CN-4 LTC1276CN LTC1282CJ |
Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7478ART-500RL7 AD7476ART-500RL7 AD7477ART-500RL7 |
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 PTSE 11C 11#16 STR PLUG 1MSPS, 10-Bit ADC in 6 Lead SOT-23 1MSPS, 12-Bit ADC in 6 Lead SOT-23 8-Bit, 1 MSPS, Low Power Successive Approximation ADC Which Operates From A Single 2.35 V to 5.25 V Power Supply
|
Analog Devices, Inc.
|
LTC1272-5ACN LTC1272-8CMJ/883B LTC1272-8ACJ |
12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX183 MAX183ACNG MAX183ACWG MAX183AENG MAX183AEWG |
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:11-13 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Replaced by TMS320VC5506 : DSP (DSP Only) for Embedded V90 Modem Solution [Not Recommended For New Designs (NRND)] 144-LQFP Fixed-Point Digital Signal Processor 352-FCBGA 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 High-Speed 12-Bit A/D Converters With External Refernce input 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC24 High-Speed 12-Bit A/D Converters With External Refernce input 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC
|
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
AM25L04 AM25L02 AM25L03 |
LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
|
List of Unclassifed Manufacturers ETC[ETC] Unknow
|
MB88111P-SH MB88111PFQ |
A/D Converter (With 24-Channel Input at 10-bit Resolution) 24-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PQFP44
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MAX1167-MAX1168 MAX1167BEEE MAX1167CCEE MAX1167CEE |
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. ADC
|
LTC2301IMSPBF LTC2301-15 |
1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO12 1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
|
LINEAR TECHNOLOGY CORP
|
HAS-1204 HAS-1204BM HAS-1204SM |
Ultra High-Speed 12-Bit A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, MDIP40
|
Analog Devices, Inc. AD[Analog Devices]
|